Part Number Hot Search : 
LBN7015 CXD1948R TK71333M AC12FGM SP02041 MBR1545 2SK1794 SP431
Product Description
Full Text Search
 

To Download ECJ2FB0J225M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ec2 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) e 1 c 2 j 3 1 4 v 5 b0 7 j 8 4 9 7 10 5 11 m 12 packaging style code rated voltage code nominal capacitance size code (example) 6 capacitance tolerance code product code (ecj:multilayer ceramic chip capacitors) temperature characteristic code 5 4 3 2 1 l t w l 1 l 2 multilayer ceramic capacitors (high capacitance) series: ecj features small size and high capacitance low esr/esl and excellent high-frequency characteristics ideal alternative to tantalum chip capacitors and aluminum electrolytic capacitors rohs compliant packaging speci? cations see page 45, 46, 56 explanation of part numbers discontinued / revised part numbers, alternative part numbers see page 54, 55 handling precautions see page 48 to 53 recommended applications class 2 (hi-k type) power supply circuitry decoupling applications dc-dc converter power supply circuitry of the high-speed lsi smoothing circuit construction dimensions in mm (not to scale) no name 1 ceramic dielectric 2 internal electrode 3 terminal electrode substrate electrode 4 intermed iate electrode 5 external electrode size code size (eia) lwtl 1 , l 2 00402 1.000.05 0.50 0.05 0.500.05 0.20.1 1.00 +0.15 0.50 +0.15 0.50 +0.15 10603 1.60.1 0.80 .1 0. 8 0.1 0.30.2 1.600.15 0.80 0.15 0.800.15 2 0805 2.00.1 1 .250.10 0.850.10 0.500.25 1.250.10 2.000.15 1.25 0.15 1.250.15 2.00.2 1.250. 20 1.250.20 g 2.000.15 1.25 0.15 0.850.10 3 1206 3.200.15 1.600.15 0.850.10 0.60.3 1.150.10 3.20.2 1.60.2 1.60.2 d 0.850.10 m 1.150.10 ?0.05 ?0.05 ?0.05 02 dec. 2008
? ec3 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) packaging style code size thickness packaging styles 0402 0603 0805 1206 t=0.5 t=0.8 t=0.85 t=1.25 t=0.85 t=1.15 t=1.6 e 180 reel p aper taping (pitch : 2 mm) 10 , 000 ?????? v p aper taping (pitch : 4 mm) ?4, 000 4,000 ? 4,000 ? ? f embossed taping (pitch : 4 mm) ???3, 000 ? 3,000 ? y? ?????2,000 packaging styles and standard packaging quantities quantity : pcs./reel temp erature characteristic code temp erature characteristics capacitance change measurement temp erature range reference temp erature b, x b10 %?25 to 85 c 20 c x7r 15 % ?55 to 125 c 25 c x5r 15 % ?55 to 85 c 25 c f f+30, ?8 0 % ?25 to 85 c 20 c y5v +22, ?82 % ?30 to 85 c 25 c temperature characteristics class 2 for applic able ?temperature characteristics?, see the li sts of standard produc ts on page 6 to 7. rated voltage code 1h 1e 1c 1a 0j rated voltage d c 50 v dc 25 v dc 16 v dc 10 v dc 6.3 v nominal capacitance ex. 105 22 5106226 nominal ca pacitance 1,000, 000 pf (1 f) 2,200, 000 pf (2.2 f) 10,000, 000 pf (10 f) 22, 000,000 pf (22 f) capacitance tolerance class temperature characteristics capacita nce tolerance code capacitance tolerance 2 b, x7r, x5r k10 % m20 % f, y5v z + 8 0, ?20 % 330 reel and bulk case type : please contact us. 02 dec. 2008
? ec4 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) 1.0 sample unit : mm 20 45 245 2 bending value unit : mm r340 1.0 r0.5 0.5 sample pc boad item speci? cation test method operating temp erature range temp. char . b, x7r : ?55 to 125 c temp. char . b, x5r : ?55 to 85 c temp. char . f, y5v : ?30 to 85 c dielectric withstanding voltage no dielectric breakdow n and/or damage test voltage : rated voltage  250 % duration:1 to 5 s. charge / discharge current: 50 ma max. insulation resistance (i.r.) 500/c (m  ) min. note : 100/c(m  )min. fo r dc 10 v max. c : nominal cap. in f measurin g voltage : rated voltage duration : 605 s charge / discharge current: 50 ma max. ca pacitance within the speci? ed tolerance measuring temperature: 202 c preconditioning: the capacitors shall be kept in temp erature of 150 +0/?10 c for 1 hour an d subject to standard condition ? 484 hours be fore initial measurement. nominal ca pacitance c < 10 f c>10 f measuring frequency 1 khz10 % 120 hz20 % measuring voltage 1.00.2 vrms 0.50.2 vrms diss ipation factor (tan ) 0.2 max. please see the technical speci? cations for details. temperature characteristics temp erature char acteristics b : 10 % x7r : 15 % x5r : 15 % f : +30, ?80 % y5v : +22, ?82 % maximum capacita nce change at stages 1 to 5 temp. char. b, f x7r x5r y5v stag e 1 20 c 25 c 25 c 25 c stag e 2 ?25 c ?55 c ?55 c ?30 c stag e 3 (ref. temp.) 20 c 25 c 25 c 25 c stag e 4 85 c 12 5 c 85 c 85 c stag e 5 20 c 25 c 25 c 25 c see th e technical speci? cations for details such as measuring voltage. adhesion terminal electrodes shall be free from peeling or signs of peeling. applied fo rce : 5 n duration : 10 s size : 0402 size : 0603 to 1206 bending strength appearance: no me chanical damage capacitance change: temp. char . b, x7r, x5r: within 12.5 % f, y5v: wi thin 30 % bending value :1 mm bending spee d : 1 mm/s vibration proof appearance : no me chanical damage. capacitance : within the speci? ed tolerance tan : initial standard value total amplit ude : 1.5 mm vibration freque ncy : 10 to 55 to 10 hz for 1 min 3 perpendicular directions for 2 hours each, a total of 6 hours speci? cations and testing methods ? standard condition : temperature 15 to 35 c, relative humidity 45 to 75 % 02 dec. 2008
? ec5 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) item speci? cation test method resistance to soldering heat appearance : no mechanical damage capacitance change : temp. char . b, x7r, x5r : within 7.5 % f, y5v : wi thin 20 % tan : initial standard value ir : initial standard value withstand volt age : no dielectric breakdown or damage soldering ba th method preconditioning : heat treatment ( ? 1) solder te mperature : 2705 c dipping period : 3.00.5 s preheat condition : order temp. (c) size 0805 max. size 1206 1 80 to 100 120 to 180s 300 to 360s 2 150 to 200 1 20 to 180s 300 to 360s recovery (standard co ndition) : 484 h solderab ility more than 95 % of the soldered area of both terminal electrodes shall be covered with fresh solder. soldering ba th method solder te mperature : 2305 c dipping peri od : 41 s solder : h63a (jis?z?3282) temp erature cycle appearance : no mechanic al damage capacitance change : temp. char . b, x7r, x5r : within 7.5 % f, y5v : wi thin 20 % tan : initial standard value ir : initial standard value withstand voltag e : no dielectric breakdown and/or damage preconditioning : heat treatment ( ? 1) step 1: minimum operat ing temp. 303 min step 2: room te mp. 3 min max. step 3: maximum operat ing temp. 303 min step 4: room te mp. 3 min max. number of cycl es : 5 cycles recovery(standard co ndition) : 484 h damp heat (steady state) appearance : no mechanic al damage capacitance change : temp. char . b, x7r, x5r : within 20 % f, y5v : wi thin 30 % tan : temp. char. b, x7r, x5r : 0.25 max. f, y5v : 0.3 max. ir : 50/c (m  ) min. note : 10/c (m  ) min. for rated vol. dc 10 v max. c:nominal cap. in f please see the technical speci? cations for details. preconditioning : heat treatment ( ? 1) temp erature : 402 c relative humidity : 90 to 95 % test period : 500+24/0 h recovery(standard co ndition) : 484 h damp heat load appearance : no mechanic al damage capacitance change : temp. char . b, x7r, x5r : within 20 % f, y5v : wi thin 30 % tan : temp. char. b, x7r, x5r : 0.25 max. f, y5v : 0.3 max. ir : 25/c (m  ) min. note : 5/c (m  ) min. for rated vol. dc 10 v max. c:nominal cap. in f please see the technical speci? cations for details. preconditioning : voltage treatment ( ? 2) temp erature : 402 c relative humidity : 90 to 95 % applied voltage : rated voltage charge/discharge current : 50 ma max. test period : 500+24/0 h recovery(standard co ndition) : 484 h high temp erature load appearance : no mechanical damage capacitance change : temp. char . b, x7r, x5r : within 20 % f, y5v : wi thin 30 % tan : temp. char. b, x7r, x5r : 0.25 max. f, y5v : 0.3 max. ir : 50/c (m  ) min. note : 10/c (m  ) min. for rated vol. dc 10 v max. c:nominal cap. in f please see the technical speci? cations for details. preconditioning : voltage treatment ( ? 2) temperature : maximum operation temp. 3 c applied volt age : (1)rat ed volt age  200 % (2)rated voltage  150 % (3)rated voltage  100 % please see the technical speci? cations for details. charge/discharge current : 50 ma max. test period : 1000+48/0 h recovery (standard co ndition) : 484 h ( ? 1) heat treatmen t : 1 h of heat treatment at 150+0/?10 c followed by 484 h recovery under standard conditions. ( ? 2) voltage treatm ent : 1 h of voltage treatment under the speci? ed temperature and vo ltage fo r testing followed by 484 h of recovery under standard conditions. 02 dec. 2008
? ec6 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) rated voltag edc 50 v d c 25 v dc 16 v dc 10 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. fffy5v fy5v 1 +80, ?20 %(z) ecj2ff1h105z 1.25 ? ecj2ff1e105z 1.25 ? ecj2vf1c105z 0.85 2.2 ecj2ff1e225z 1.25 ? ecjgvf1c225z 0.85 4.7 ecjgvf1c475z 0.85 ecjgvf1a475z 0.85 10 ecj2ff1a106z 1.25 ? ra te d voltage dc 25 v dc 16 v dc 10 v dc 6.3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. x5r x5r b x5r x5r 1 10 %(k) or 20 %(m) ecj2fb1e105 1.25 ? ecj2fb1c105 1.25 ? ecj2fb1a105 1.25 2.2 ecj2fb1e225 1.25 ? ecj2fb1c225 1.25 ? ecj2fb1a225 1.25 ? ? ecj2fb0j225 1.25 4.7 ecj2fb1e475 1.25 ? ecj2fb1c475 1.25 ? ecj2fb1a475 1.25 ? ? ecj2fb0j475 1.25 ? 10 ecj2fb1c106 1.25 ?? ecj2fb1a106 1.25 ?? ? ecj2fb0j106 1.25 ?? 22 ecj2fb1a226m 1.25 ?? ? ecj2fb0j226m 1.25 ?? rated voltag edc 25 v d c 16 v dc 10 v dc 6.3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. fffy5v fy5v 1 +80, ?20 % (z) ecj1vf1e105z 0.8 ecj1vf1c105z 0.8 ecj1vf1a105z 0.8 2.2 ecj1vf1a225z 0.8 ecj1vf0j225z 0.8 rated voltag edc 25 v d c 16 v dc 10 v dc 6.3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. x5r x5r x5r x5r 1 10 %(k) or 20 %(m) ecj1vb1e105 0.8 ecj1vb1c105 0.8 ecj1vb1a105 0.8 ecj1vb0j105 0.8 2.2 ecj1vb1c225 ? 0.8 ecj1vb1a225 ? 0.8 ecj1vb0j225 0.8 4.7 ecj1vb1c475 ? 0.8 ?? ecj1vb1a475 ? 0.8 ecj1vb0j475 ? 0.8 10 ecj1vb1a106m ? 0.8 ?? ecj1vb0j106m ? 0.8 ?? rated voltage d c 16 v dc 10 v dc 6.3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. x5r x5r x5r 1 10 %(k) or 20 %(m) ecj0eb1c105m 0.5 ? ecj0eb1a105 0.5 ecj0eb0j105 0.5 2.2 ecj0eb0j225m 0.5 4.7 ecj0eb0j475m 0.5 ? rated voltag edc 6. 3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. fy5v 1 +80, ?2 0 % (z) ecj0ef0j105z 0.5 standard products for eia size ?0402?, taped version class 2 temperature characteristic code : b (temperature characteristics : x5r) standard packaging quantity of packaging st yle code ?e ? (t = 0.5 mm): 10,000 pcs./reel. recommend solderin g method : re? ow soldering. standard products for eia size ?0603?, taped version class 2 temperature characteristic code : b (temperature characteristics : x5r) standard packaging quantity of packaging style code ?v? (t = 0.8 mm): 4,000 pcs./reel. standard products for eia size ?0805?, taped version class 2 temperature characteristic code : b (temperature characteristics : b, x5r) dimensio nal tolerance of l, w, t : l, w: 0.15 mm / t : 0.1 mm for no mark, 0.15 mm for ? ? ?mark. standard packaging quantity of packaging style code ?v ? (t = 0.85 mm): 4,000 pcs./reel, ?f? (t = 1.25 mm): 3,000 pcs./reel. soldering method of dimensio n t > 1 mm: avoid ? ow soldering. temperature characteristic code : f (temperature characteristics : f, y5v) temperature characteristic code : f (temperature characteristics : f, y5v) : capacitance tolerance code : ? ? for ?k? or ?m? standard packaging quantity of packaging style code ?v? (t = 0.8 mm): 4,000 pcs./reel. ? ? ? : avoid ? ow soldering. ? ?? ? : ?l?, ?w?, ?t? dimension tolerance 0.15 mm : capacitance tolerance code : ? ? for ?k? or ?m? dimensio nal tolerance of l, w, t : 0.1 mm for no mark, 0.15 mm for ? ? ? mark, 0.2 mm for ? ?? ?mark. standard packaging quantity of packaging st yle code ?f ? (t = 1.25 mm): 3,000 pcs./reel. avoid ? ow soldering. temperature characteristic code : f (temperature characteristics : f, y5v) : capacitance tolerance code : ? ? for ?k? or ?m? dimensio nal tolerance of l, w, t : 0.05 mm for no mark, +0.15 mm fo r ? ? ? mark. standard packaging quantity of packaging st yle code ?e ? (t = 0.5 mm) : 10,000 pcs./reel. avoid ? ow soldering. ?0.05 02 dec. 2008
? ec7 ? design an d speci cations are each subject to change without notice. ask factory for the current technical speci cations befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capa citors(high capacitance) rated voltag edc 25 v d c 16 v dc 10 v dc 6.3 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. b x7r x5r b x7r x5r b x7r x5r x5r 1 10 %(k) or 20 %(m) ecj3yb1e105 1.6 ? ecj3fb1c105 1.15 ? ? 2.2 ecj3yb1e225 1.6 ?? ecj3yb1c225 1.6 ? ecj3yb1a225 1.6 ? 4.7 ecj3yb1e475 1.6 ?? ecj3yb1c475 1.6 ?? ecj3yb1a475 1.6 ?? ecj3yb0j475 1.6 10 ecj3yb1e106 1.6 ?? ecj3yb1c106 1.6 ?? ecj3yb1a106 1.6 ?? ecjdv50j106m 0.85 ?? 22 ecj3yb1c226m 1.6 ?? ecj3yb1a226m 1.6 ?? ecjdv50j226m 0.85 ?? rated voltag edc 50 v d c 25 v dc 16 v dc 10 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. by7r by7r by7r by7r 1 10 %(k) or 20 %(m) ecj3yx1h105 1.6 ecj3yb1e105 1.6 ecj3fb1c105 1.15 ? 2.2 ecj3yb1c225 1.6 ecj3yb1a225 1.6 4.7 ecj3yx1c475 1.6 10 ecj3yx1c106 1.6 standard products for eia size ? 1206 ? , taped version class 2 temperature characteristic code : b (temperature characteristics : b, x7r, x5r) : capacitance tolerance code : ? ? for ?k? or ?m? dimensio nal tolerance of l, w, t:0.2 mm for no mark, l, w: 0.15 mm / t: 0.1 mm for ? ? ? mark. standard packaging qu antity of packaging style code ?f ? (t = 1.15 mm): 3,000 pcs./reel, ?y? (t = 1.6 mm): 2,000 pcs./reel avoid ? ow soldering. : capacitance tolerance code : ? ? for ?k? or ?m? dimensio nal tolerance of l, w, t: 0.2 mm for no mark, l, w: 0.15 mm / t: 0.1 mm for ? ? ? mark, l, w: 0.2 mm / t: 0.1 mm for ? ?? ? mark. standard packaging quantity of packaging style code ?v ? (t = 0.85 mm) : 4,000 pcs./reel, ?f? (t = 1.15 mm): 3,000 pcs./reel, ?y ? (t = 1.6 mm): 2, 000 pcs./reel avoid ? ow soldering. high temperature series : t emperature characteristic code : b, x (temperature characteristics : b, y7r) rated voltag edc 50 v d c 25 v dc 16 v dc 10 v capaci- tance (f) capacitance tolera nce part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. part no. dim. t (mm) temp. char. ffy5vf y5v f y5v 1 +80, ?20 %(z) ecj3ff1h105z 1.15 ? ecj3ff1e105z 1.15 ? ecj3vf1c105z 0.85 ? 2.2 ecj3ff1e225z 1.15 ? ecj3vf1c225z 0.85 ? 4.7 ecj3ff1e475z 1.15 ? ? ecj3ff1c475z 1.15 ? 10 ecj3yf1e106z 1.6 ? ecjmff1c106z 1.15 ?? ecjmff1a106z 1.15 ?? 22 ecjmff1a226z 1.15 ?? dimensio nal tolerance of l, w, t:0.2 mm for no mark, l, w: 0.15 mm / t: 0.1 mm for ? ? ? mark, l, w: 0.2 mm / t: 0.1 mm for ? ?? ?. standard packaging quantity of packaging style code ?v ? (t = 0.85 mm): 4,000 pcs./reel, ?f? (t = 1.15 mm ): 3, 000 pcs./reel, ?y? (t = 1. 6 mm): 2, 000 pcs./reel avoid ? ow soldering. temperature characteristic code : f (temperature characteristics : f, y5v) 02 dec. 2008


▲Up To Search▲   

 
Price & Availability of ECJ2FB0J225M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X